Part Number Hot Search : 
GBPC4008 6011E MC145516 5501A ADN4692E F1020 TCA280B SML20J97
Product Description
Full Text Search
 

To Download CED61A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  30 n-channel logic level enhancement mode field effect transistor features 30v , 40a , r ds(on) =13.5m @v gs =10v. super high dense cell design for extremely low r ds(on) . high power and current handling capability. to-251 & to-252 package. absolute maximum ratings (tc=25 c unless otherwise noted) parameter symbol limit unit drain-source voltage v ds v gate-source voltage v gs 20 v drain current-continuous -pulsed i d 40 a i dm 120 a drain-source diode forward current i s 40 a maximum power dissipation p d w operating and storage temperature range t j ,t stg -55 to 150 c thermal characteristics thermal resistance, junction-to-case thermal resistance, junction-to-ambient r / jc r / ja 2.5 50 /w c /w c ? r ds(on) =20m @v gs =4.5v. ? CED61A3/ceu61a3 @tc=25 c derate above 25 c 50 0.4 w/ c s g d ceu series to-252aa(d-pak) ced series to-251(l-pak) g g s s d d 6-62  jan. 2003 6
CED61A3/ceu61a3 electrical characteristics (t c 25 c unless otherwise noted) = parameter symbol condition min typ max unit off characteristics drain-source breakdown voltage bv dss v gs = 0v, i d= 250 a 30 v zero gate voltage drain current i dss v ds = 30v, v gs = 0v 1 a gate-body leakage i gss v gs = 20v, v ds = 0v 100 na on characteristics a gate threshold voltage v gs(th) v ds = v gs ,i d 250 a 13 v drain-source on-state resistance r ds(on) v gs = 10v, i d =20a 11 13.5 m ? v gs =4.5v,i d =18a 16.5 20 m ? on-state drain current i d(on) v ds = 10v, v gs =10v 40 34 a s forward transconductance fs g v ds = 10v, i d =26a dynamic characteristics b input capacitance c iss c rss c oss output capacitance reverse transfer capacitance v ds =15v, v gs =0v f=1.0mh z 1200 p f 480 p f p f 130 switching characteristics b turn-on delay time rise time turn-off delay time t d(on) t r t d(off) t f v dd =15v, i d =40a, v gs = 10v r gen =24 ? 18 30 ns ns ns ns 25 50 45 90 75 130 total gate charge gate-source charge gate-drain charge q g q gs q gd nc nc nc c fall time 6-63 4 19 5 9 23 v ds =15v,i d =40a v gs =5v   6
parameter symbol condition min typ max unit electrical characteristics (t c =25 c unless otherwise noted) drain-source diode characteristics diode forward voltage v sd v gs =0v,is=26a 1.3 0.9 v a notes b.guaranteed by design, not subject to production testing. a.pulse test:pulse width 300 3 s, duty cycle 2%. figure 1. output characteristics figure 2. transfer characteristics figure 4. on-resistance variation with drain current and temperature figure 3. capacitance v ds , drain-to source voltage (v) v gs , gate-to-source voltage (v) v ds , drain-to-source voltage (v) i d , drain current(a) c, capacitance (pf) drain-source, on-resistance i d , drain current (a) i d , drain current (a) [ [ 6-64 r ds(on) , normalized CED61A3/ceu61a3 2400 2000 1600 1200 800 400 0 5 10 15 20 25 30 ciss coss crss 0 010203040 25 c tj=125 c -55 c 1.8 1.6 1.4 1.2 1.0 0.8 0.6 v gs =10v 6 50 40 30 20 10 0 12 34 25 c tj=125 c -55 c 01234 v gs =3v 80 60 40 20 0 v gs =10,8,6,5,4v
CED61A3/ceu61a3 with temperature figure 6. breakdown voltage variation figure 5. gate threshold variation with temperature vth, normalized gate-source threshold voltage g fs , transconductance (s) v gs , gate to source voltage (v) bv dss , normalized drain-source breakdown voltage is, source-drain current (a) figure 7. transconductance variation with drain current i ds , drain-source current (a) figure 9. gate charge qg, total gate charge (nc) figure 10. maximum safe operating area v ds , drain-source voltage (v) figure 8. body diode forward voltage variation with source current v sd , body diode forward voltage (v) tj, junction temperature ( c) tj, junction temperature ( c) i d , drain current (a) 6-65 50 40 30 20 10 0 0102030 40 v ds =10v 50 10 1.0 0.1 0.4 0.6 0.8 1.0 1.2 1.4 1.15 1.10 1.05 1.0 0.95 0.90 0.85 0.80 -50 -25 0 25 50 75 100 125 150 v ds =v gs i d =250 3 a 200 100 300 10 1 0.5 0.1 1103060 r ds (o n) li m it v gs =10v single pulse tc=25 c d c 10ms 1 00ms 1 ms 1 0 0 3 s -50 -25 0 25 50 75 100 125 150 1.15 1.10 1.05 1.00 0.95 0.90 0.85 i d =250 3 a 10 0 2 4 6 8 010 203040 v ds =15v i d =40a 6
figure 11. switching test circuit figure 12. switching waveforms CED61A3/ceu61a3 t v v t t d(on) out in on r 10% t d(off) 90% 10% 10% 50% 50% 90% t off t f 90% pulse width 6-66 4 inverted transient thermal impedance 2 1 0.1 0.01 0.01 0.1 1 10 100 1000 10000 p dm t 1 t 2 square wave pulse duration (msec) figure 13. normalized thermal transient impedance curve 1. r / jc (t)=r (t) * r / jc 2. r / jc =see datasheet 3. t jm- t c =p*r / jc (t) 4. duty cycle, d=t1/t2 r(t),normalized effective d=0.5 0.2 0.1 0.05 0.02 0.01 single pulse v dd r d v v r s v g gs in gen out l 6


▲Up To Search▲   

 
Price & Availability of CED61A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X